PART |
Description |
Maker |
IRF9240 |
CAP CER 250VAC 100PF X7R 1808 11 A, 200 V, 0.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-204AA -11A, -200V, 0.500 Ohm, P-Channel Power MOSFET -11A -200V 0.500 Ohm P-Channel Power MOSFET 11A/ -200V/ 0.500 Ohm/ P-Channel Power MOSFET
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRFB42N20D |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=200V/ Rds(on)max=0.055ohm/ Id=44A)
|
International Rectifier
|
IRF9610 |
-200V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A) Power MOSFET(Vdss=-200V/ Rds(on)=3.0ohm/ Id=-1.8A)
|
IRF[International Rectifier]
|
IRFG5210 IRFG5210N IRFG5210P IRFG5210-15 |
Simple Drive Requirements 200V, Combination 2N-2P-CHANNEL HEXFET MOSFET TECHNOLOGY 200V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package 200V Single N-Channel Hi-Rel MOSFET in a MO-036AB package 200V Single P-Channel Hi-Rel MOSFET in a MO-036AB package
|
International Rectifier
|
IRF9620S IRF9620STRL IRF9620STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V Rds(on)=1.5ohm Id=-3.5A) Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A) Power MOSFET(Vdss=-200V/ Rds(on)=1.5ohm/ Id=-3.5A)
|
IRF[International Rectifier]
|
IRC630 IRC |
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A) Power MOSFET(Vdss=200V/ Rds(on)=0.40ohm/ Id=9.0A) 200V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRF9640S IRF9640STRL IRF9640SPBF IRF9640STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A) Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-11A)
|
IRF[International Rectifier]
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
IRHN7230 IRHN7230PBF IRHN7230-15 IRHN8230 |
200V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 9 A, 200 V, 0.49 ohm, N-CHANNEL, Si, POWER, MOSFET RADIATION HARDENED POWER MOSFET 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package Simple Drive Requirements
|
International Rectifier
|
OM6039SM |
200V , 9 Amp, N-Channel Power MOSFET(200V , 9A,N沟道,功率MOS场效应管) 00V安培,N沟道功率MOSFET(为200V9A条,沟道,功率马鞍山场效应管
|
HIROSE ELECTRIC Co., Ltd.
|
IRFB31N20DPBF IRFS31N20D IRFS31N20DTRR IRFS31N20DT |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|